PART |
Description |
Maker |
FBR56ND12-W1 FBR56 FBR56ND06-W1 FBR56ND09-W1 |
COMPACT HIGH POWER RELAY 1 POLE-30 A
|
Fujitsu Component Limited.
|
FBR56 FBR56ND12W1 FBR56ND06W1 FBR56ND09W1 |
COMPACT HIGH POWER RELAY 1 POLE-30A
|
FUJITSU[Fujitsu Media Devices Limited]
|
BR53ND10-Y-HW BR53ND09-Y-HW |
COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
|
Fujitsu Component Limited.
|
PVN012 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
|
International Rectifier
|
PVN012 |
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole/ Normally Open/ 0-20V/ 2.5A AC/ 4.5A DC
|
International Rectifier
|
PVA33 |
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
|
http:// International Rectifier
|
FTR-K2WAK024W FTR-K2WAK012W |
POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
|
Fujitsu Component Limit...
|
PVAZ172 PVAZ172N |
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole Normally Open 0-60V AC 1.0A
|
IRF[International Rectifier]
|
PVA3324N PVA3324NS PVA3354N PVA3354NS PVA2352N PVA |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole/ Normally-Open 0-300V AC/DC/ 150mA Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开0 - 300V交流/直流50mA
|
International Rectifier, Corp.
|
PVD1352 PVD1354 |
100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
|
IRF[International Rectifier]
|
FBR51-WR FBR51ND12-WR FBR51ND10-WR FBR51ND09-WR FU |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 35A (CONTACT), 16VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
|
FUJITSU LTD Fujitsu Component Limited.
|